PART |
Description |
Maker |
HMC154S8 |
GaAs MMIC SMT LOW DISTORTION T/R SWITCH/ DC - 2.5 GHz
|
Hittite Microwave Corporation
|
BFQ72 |
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
|
Siemens
|
MAX4475 MAX4475ASA MAX4475AUA MAX4475AUT-T MAX4476 |
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps SOT23 / Low-Noise / Low-Distortion / Wide-Band / Rail-to-Rail Op Amps SOT23 Low-Noise Low-Distortion Wide-Band Rail-to-Rail Op Amps "SOT23, Low-Noise/Distortion, Wideband, Rail-to-Rail Op Amp" SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps DUAL OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD831 |
Low Distortion Mixer High-Performance, Low Distortion 500-MHz Mixer
|
Analog Devices, Inc.
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
AD8652ARMZ-R2 AD8652ARZ-REEL7 AD8651AR-REEL7 |
50 MHz/ Precision/ Low Distortion/ Low Noise CMOS Amplifiers AB 26C 26#16 SKT RECP 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers OP-AMP, 1700 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
ADL5562 |
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
|
Analog Devices
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC6410-6 LTC6410CUD-6-PBF LTC6410CUD-6-TRPBF LTC6 |
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
|
Linear Technology
|
Q62702-F1359 BFG19S BFG19 |
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna) NPN Silicon RF Transistor (For low noise low distortion broadband amplifiers in antenna) From old datasheet system NPN Silicon RF Transistor (For low noise/ low distortion broadband amplifiers in antenna)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|